Part Number Hot Search : 
AM2952A 72AP0 28051 CR0800SB MAX103 MAX695 DTA114Y NE677M04
Product Description
Full Text Search
 

To Download AEC60-12S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver : c_1 update : 2012.05.03 ac-dc power module aec60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -1- electrical specifications model no. aec60-5s aec60-9s aec60- 12s aec60-15s aec60-24s aec60-48s max output wattage (w) 50w 60w 60w 60w 60w 60w voltage 85-265 vac or 100-370 vdc frequency (hz) 47-63 hz current (full load) 2 a max. (115 vac) / 1 a max. (230 vac) inrush current (<2ms) 30 a max. (115 vac) / 50 a max. (230 vac) input leakage current 0.5 ma max. voltage (v.dc.) 5v 9v 12v 15v 24v 48v voltage accuracy 2% current (ma) max 10,000 6,660 5,000 4,000 2,500 1,250 line regulation (ll-hl) (typ.) 1% load regulation (5-100%) (typ.) 1% minimum load 1% maximum capacitive load 80000 uf 28000 uf 14000 uf 12000 uf 4000 uf 950 uf ripple <0.2% vout +40mv max (vp-p) noise <0.5% vout +50mv max (vp-p) efficiency (at 230v) 82% 84% 86% 86% 86% 86% trim 10% hold-up time 10 ms min. output switching frequency 100 khz over power protection auto recovery over voltage protection zener diode clamp protection short circuit protection auto recovery input-output (v.ac) 4000v input-fg (v.ac) 1500v isolation output-fg . (v.ac) 500v operating temperature -40c?+70c (with derating) storage temperature -50c?+85c temperature coefficient 0.02%/c humidity 95% rh environment mtbf >130,000 h @ 25c (mil-hdbk-217f) dimension (l x w x h) 4.3 x 2.3 x 1.18 inches ( 109.0 x 58.5 x 30.0 mm ) tolerance 0.1 mm weight 310 g physical cooling method free air convection safety agency approvals ce, ul60950 emi (conducted & radiated emission) en 55022 class b emc ems (noise immunity) en 55024 key features ? switching power module for pcb mountable ? universal input: 85-265 vac ? single output ? 5 vdc to 48 vdc output ? -40 o c starting ? screw terminal for optional ? 4000 vac input to output isolation ? ce, ul, approval ? 3-years product warranty 1.all specifications valid at normal input voltage, full lo ad and +25c after warm-up time unless otherwise stated. 2.ripple & noise are measured at 20mhz of bandwidth with 0.1 u f & 47uf parallel capacitor.
ver : c_1 update : 2012.05.03 ac-dc power module aec60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -2- derating mechanical dimension ( top view ) block diagram pin# single 1 ac in (n) 2 ac in (l) 3 fg 4 +dc out 5 -dc out 6 trim
ver : c_1 update : 2012.05.03 ac-dc power module aec60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -3- screw terminal aec60-a2 aec60-a5 pin# single 1 fg 2 ac in (n) 3. ac in (l) 4 +dc out 5 -dc out 6 trim pin# single 1 fg 2 ac in (n) 3. ac in (l) 4 +dc out 5 -dc out 6 trim


▲Up To Search▲   

 
Price & Availability of AEC60-12S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X